Part Number Hot Search : 
A11JVAA PV150 2195QA BR1510L BD335 BGF106 AN204 02229
Product Description
Full Text Search
 

To Download RA2700FIMGOAL-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  533 ? smx \ 2 ? series ? glass ? sealing ? crystal ? moq ? 3000 ? pieces for ? smaller ? moq ? please ? enquire ? ??????????????????????????????????? parameters ??????????????????????????????????????????????????????????????? ??????????????????????? specification ??????????????????????????????????????????????????????????????? ????????? remarks ? frequency ? range f_nom ? 7.0mhz ? ~ ? 54.0mhz ? (fundamental) ??????????????? 48.0mhz ? ~ ? 80.0mhz ? (3 ? overtone) ? frequency ? tolerance f_tol ? 10.0ppm ? ~ ? 50.0ppm ? ? frequency ? stability ? over ? operating ? temperature ? range f_stb ? 10.0ppm ? ~ ? 50.0ppm ??? table ? 2 ? operating ? temperature ? range ? t_use ?\ 20c ? ~ ? +70c, ?\ 30c ?? ~ ? +85c, ?\ 40c ? ~ ? +85c ?? table ? 2 ? storage ? temperature ? t_stg ?\ 55c ? ~ ? +125c ? load ? capacitance cl ?? 8.0pf ? ~ ? 30.0pf, ? series ? equivalent ? series ? resistance esr ?? table ? 1 ? shunt ? capacitance c0 ?? 7.0pf ? max ? drive ? level dl ?? 300 w ? max ?? 100 w ? typical ? frequency ? aging f_age ?? 5.0ppm ? at ? 25c, ? 1 ? year ? ? moisture ? sensitivity ? level msl ?? 1 ? (unlimited) ? electrostatic ? discharge esd ?? not ? applicable ? insulation ? resistance ir ?? 500m ?? min ?? at ? 100v ? dc ? table ? 1. ? frequency ? range ? (mhz) ? vs ? esr ? (max) 8.0mhz ? ~ ? 9.999mhz 120 ? 10.0mhz ? ~ ? 11.999mhz 80 ? 12.0mhz ? ~ ? 23.999mhz 50 ? 24.0mhz ? ~ ? 54.000mhz 30 ? 48.0mhz ? ~ ? 80.000mhz 70 ? ? table ? 2. ? frequency ? stability ? vs ? temperature ? temp. ? (c) ? stability ? in ? ppm 10 15 20 30 50 ?\ 20c ? ~ ? 70c ? enquire enquire enquire ? \ 30c ? ~ ? 85c ? enquire enquire enquire ? \ 40c ? ~ ? 85c ? enquire enquire enquire ? 5.0 ? x ? 3.2mm ? crystal ? unit ? dimensions ? (mm) part ? number ? generation ra 2700 g k l go f l \ pf act series code frequency (mhz) ? frequency ? tolerance ? (ppm) frequency ? stability ? over ? temperature ? range ? (ppm) operating ? temperature ? range ? (c) ?? load ? capacitance ?? (cl ?\ pf) frequency ? mode packaging ????? (tape ? & ? reel) rohs ra 8mhz ? = ? 0800 27mhz ? = ? 2700 note: ? use ? the ? first ? 4 ? characters ? of ? the ? frequency ? in ? hz ? i.e. ? 27mhz ? =27000000hz ?? if ? the ? frequency ? is ? 100mhz ? or ? higher ? then ? the ? first ? 5 ? characters ? are ? used 10 ? = ? e 15 ? = ? f 20 ? = ? g 30 ? = ? i 50 ? = ? l 100 ? = ? n 10 ? = ? f 15 ? = ? g 20 ? = ? i 30 ? = ? k 50 ? = ? o 100 ? = ? v ?\ 10 ? ~ ? +60 ? = ? e \ 20 ? ~ ? +70 ? = ? g ?\ 30 ? ~ ? +85 ? = ? l ??\ 40 ? ~ ? +85 ? = ? m 8 ? = ? go 9 ? = ? jo 10 ? = ? ko 12 ? = ? oo 13 ? = ? yo 14 ? = ? zo 16 ? = ? ro 18 ? = ? to 20 ? = ? vo 22 ? = ? wo 30 ? = ? da series ? = ? sr fundamental ? = ? f ?? 3 ? overtone ? = ? a loose ?? = ? l ??? 1000pcs ? = ? c ?? ? rohs ? = ?\ pf note: ? it ? is ? important ? to ? suffix ? the ? above ? part ? number ? with ? full ? frequency ? required ? to ? give ? a ? completed ? part ? number ? as ? illustrated ? below. full ? example ? part ? number ? : ?? ra0800gklgofl \ pf ? [8.000mhz], ? ra2700gklgofl \ pf ? [27.000mhz] ? , ? ra2457gklgofl \ pf ? [24.576mhz] 5.00.1 3.20.1 2.40 1.30 2.00 1.40 ? max 2.40 1.80 2.00 1 2 act ? (a ? wholly ? owned ? acal ? bfi ? company) +44 ? (0) ? 118 ? 978 ? 8878|sales@act.co. uk|www.act.co.uk iso9001 ? registered ? specifications ? subject ? to ? change ? without ? notification
533 ? smx \ 2 ? series 5.0 ? x ? 3.2mm ? crystal ? unit drawing ? control: ? (internal ? use ? only) commodity ? code: ? 854160 ? 00 ? 00 issue ? number: ? n1 date: ? 1/02/2017 internal ? reference: ? h2 solder ? reflow ? profile additional ? information temp.( c) time (sec.) 180 10c 90~120 sec. max 0.45 in 260 5c 10 sec. max 3 00 25 0 20 0 15 0 10 0 50 0 220 10c 30~40 sec. max act ? (a ? wholly ? owned ? acal ? bfi ? company) +44 ? (0) ? 118 ? 978 ? 8878|sales@act.co.uk|www.act.co.uk iso9001 ? registered ? specifications ? subject ? to ? change ? without ? notification


▲Up To Search▲   

 
Price & Availability of RA2700FIMGOAL-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X